Part Number Hot Search : 
BYX46 LTC37 SKMD40F SD220 5KE130 B0822BB1 030DB2D K2012
Product Description
Full Text Search
 

To Download IRG4BC20UDS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 94077
IRG4BC20UD-S
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Features
* UltraFast: Optimized for high operating frequencies 8-40 kHz in hard switching, >200kHz in resonant mode * Generation 4 IGBT design provides tighter parameter distribution and higher efficiency than Generation 3 * IGBT co-packaged with HEXFREDTM ultrafast, ultra-soft-recovery anti-parallel diodes for use in bridge configurations * Industry standard D2Pak package
C
UltraFast CoPack IGBT
VCES = 600V
G E
VCE(on) typ. = 1.85V
@VGE = 15V, IC = 6.5A
N-channel
Benefits
* Generation 4 IGBTs offers highest efficiencies available * Optimized for specific application conditions * HEXFRED diodes optimized for performance with IGBTs . Minimized recovery characteristics require less/no snubbing * Designed to be a "drop-in" replacement for equivalent industry-standard Generation 3 IR IGBTs
D2Pak
Absolute Maximum Ratings
Parameter
VCES IC @ TC = 25C IC @ TC = 100C ICM ILM IF @ TC = 100C IFM VGE PD @ TC = 25C PD @ TC = 100C TJ TSTG Collector-to-Emitter Voltage Continuous Collector Current Continuous Collector Current Pulsed Collector Current Clamped Inductive Load Current Diode Continuous Forward Current Diode Maximum Forward Current Gate-to-Emitter Voltage Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range Soldering Temperature, for 10 sec.
Max.
600 13 6.5 52 52 7.0 52 20 60 24 -55 to +150 C 300 (0.063 in. (1.6mm) from case)
Units
V
A
V W
C
Thermal Resistance
Parameter
RJC RCS RJA Wt Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient, typical socket mount Weight
Typ.
--- 0.5 --- 1.44
Max.
2.1 --- 40 ---
Units
C/W g (oz)
www.irf.com
1
1/12/01
IRG4BC20UD-S
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter Min. V(BR)CES Collector-to-Emitter Breakdown Voltage 600 V(BR)CES/TJ Temperature Coeff. of Breakdown Voltage --- VCE(on) Collector-to-Emitter Saturation Voltage --- --- --- VGE(th) Gate Threshold Voltage 3.0 VGE(th)/TJ Temperature Coeff. of Threshold Voltage --- gfe Forward Transconductance 1.4 ICES Zero Gate Voltage Collector Current --- --- VFM Diode Forward Voltage Drop --- --- IGES Gate-to-Emitter Leakage Current --- Typ. Max. Units --- --- V 0.69 --- V/C 1.85 2.1 2.27 --- V 1.87 --- --- 6.0 -11 --- mV/C 4.3 --- S --- 250 A --- 1700 1.4 1.7 V 1.3 1.6 --- 100 nA Conditions VGE = 0V, IC = 250A VGE = 0V, IC = 1.0mA IC = 6.5A VGE = 15V IC = 13A See Fig. 2, 5 IC = 6.5A, TJ = 150C VCE = VGE, IC = 250A VCE = VGE, IC = 250A VCE = 100V, IC = 6.5A VGE = 0V, VCE = 600V VGE = 0V, VCE = 600V, TJ = 150C IC = 8.0A See Fig. 13 IC = 8.0A, TJ = 150C VGE = 20V
Switching Characteristics @ TJ = 25C (unless otherwise specified)
Qg Qge Qgc td(on) tr td(off) tf Eon Eoff Ets td(on) tr td(off) tf Ets LE Cies Coes Cres trr Irr Qrr di(rec)M /dt Parameter Total Gate Charge (turn-on) Gate - Emitter Charge (turn-on) Gate - Collector Charge (turn-on) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Switching Loss Turn-Off Switching Loss Total Switching Loss Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Switching Loss Internal Emitter Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Diode Reverse Recovery Time Diode Peak Reverse Recovery Current Diode Reverse Recovery Charge Diode Peak Rate of Fall of Recovery During tb Min. --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. 27 4.5 10 39 15 93 110 0.16 0.13 0.29 38 17 100 220 0.49 7.5 530 39 7.4 37 55 3.5 4.5 65 124 240 210 Max. Units Conditions 41 IC = 6.5A 6.8 nC VCC = 400V See Fig. 8 16 VGE = 15V --- TJ = 25C --- ns IC = 6.5A, VCC = 480V 140 VGE = 15V, RG = 50 170 Energy losses include "tail" and --- diode reverse recovery. --- mJ See Fig. 9, 10, 11, 18 0.3 --- TJ = 150C, See Fig. 9, 10, 11, 18 --- ns IC = 6.5A, VCC = 480V --- VGE = 15V, RG = 50 --- Energy losses include "tail" and --- mJ diode reverse recovery. --- nH Measured 5mm from package --- VGE = 0V --- pF VCC = 30V See Fig. 7 --- = 1.0MHz 55 ns TJ = 25C See Fig. 90 TJ = 125C 14 IF = 8.0A 5.0 A TJ = 25C See Fig. 8.0 TJ = 125C 15 VR = 200V 138 nC TJ = 25C See Fig. 360 TJ = 125C 16 di/dt 200A/s --- A/s TJ = 25C See Fig. --- TJ = 125C 17
2
www.irf.com
IRG4BC20UD-S
12
D u ty c y c le : 5 0 % T J = 1 2 5 C T s in k = 9 0 C G a te d riv e a s s p e c ifie d T u rn -o n los s e s in c lu d e e ffe c ts o f re v e rs e r e c o v e ry P ow er Diss ip ation = 13W
10
L oa d C u rre n t (A )
8
6
6 0% o f ra te d v oltag e
4
2
0 0.1 1 10
A
100
f, F re q u e n c y (k H z )
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
100
100
T J = 25C T J = 150C
10
I C , C ollec tor-to-E m itte r C u rre nt (A )
I C , Collector-to-Emitter Current (A)
10
TJ = 1 5 0C
TJ = 25 C
1
1
0.1 0.1 1
V G E = 15V 20s PULSE WIDTH
10
0.1 4 6 8
V C C = 10 V 5 s P U L S E W IDTH
10
A
12
VC E , Collector-to-Emitter Voltage (V)
VG E , Ga te -to-Em itter Volta ge (V)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
www.irf.com
A
3
IRG4BC20UD-S
14
M aximum D C Collector Current (A )
12
V C E , C ollector-to-E m itter V oltag e (V)
V G E = 15 V
2.6
V G E = 1 5V 8 0 s P U L S E W ID TH I C = 1 3A
2.2
10
8
1.8
I C = 6 .5A
6
4
1.4
I C = 3.3 A
2
0 25 50 75 100 125 150
1.0 -60 -40 -20 0 20 40 60 80 100 120
A
140 160
T C , C ase Tem perature (C)
T J , J u n c tio n Te m p e ra tu re (C )
Fig. 4 - Maximum Collector Current vs. Case Temperature
Fig. 5 - Typical Collector-to-Emitter Voltage vs. Junction Temperature
10
Therm al Response (Z thJ C )
1
D = 0.50
0 .2 0 0 .10 0.0 5
PD M
0 .1
0.0 2 0 .01
t
SIN G LE P U LS E (T H ER M AL R E SP O N SE )
N o te s : 1 . D u ty fa c to r D = t 1 /t 2
1 t2
0 .0 1 0 .0 0 0 0 1
2 . P e a k TJ = P D M x Z th J C + T C
0 .0 0 0 1
0 .0 0 1
0 .0 1
0 .1
1
10
t 1 , R ectangular Pulse Duration (sec)
Fig. 6 - Maximum IGBT Effective Transient Thermal Impedance, Junction-to-Case
4
www.irf.com
IRG4BC20UD-S
1000
V G E , G a te -to -E m itte r V o lta g e (V )
A
C, Ca pac itanc e (p F)
800
V GE = C ie s = C re s = C oes =
0V , f = 1M H z C g e + C g c , C ce S H O R TE D C gc C ce + C g c
20
VCE = 400V I C = 6 .5 A
16
C ie s
600
12
C oes
400
8
200
C re s
4
0 1 10
0 0 5 10 15 20 25
A
30
100
V C E , C o lle c to r-to -E m itte r V o lta g e (V )
Q g , T o ta l G a te C h a rg e (n C )
Fig. 7 - Typical Capacitance vs. Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs. Gate-to-Emitter Voltage
0.32
Total Switching Losses (m J)
0.31
Total S witching Los se s (m J)
V CC VGE TJ IC
= 480V = 15V = 25 C = 6 .5A
10
R G = 50 V GE = 15V V CC = 4 8 0 V
IC = 1 3 A
1
I C = 6 .5 A
0.30
I C = 3 .3 A
0.29 0 10 20 30 40 50
A
60
0.1 -60 -40 -20 0 20 40 60 80 100 120 140
A 160
R G , G a te R e sista n c e ( )
TJ , J u n ctio n T e m p e ra tu re (C )
Fig. 9 - Typical Switching Losses vs. Gate Resistance
Fig. 10 - Typical Switching Losses vs. Junction Temperature
www.irf.com
5
IRG4BC20UD-S
1.2 0.9
I C , C ollecto r-to -Em itter Cu rrent (A)
Total Switc hing Losses (mJ )
RG TJ V CC V GE
= 50 = 1 5 0 C = 480V = 15V
1000
VG E E 2 0V G= T J = 12 5 C
100
S A FE O P E R A TIN G A R E A
10
0.6
0.3
1
0.0 0 2 4 6 8 10 12
A 14
0 .1 1 10 100 1000
I C , C o lle cto r-to -E m itte r C u rre n t (A )
V C E , Collecto r-to-E m itter V oltage (V )
Fig. 11 - Typical Switching Losses vs. Collector-to-Emitter Current
100
Fig. 12 - Turn-Off SOA
In s ta n ta n e o u s F o rw a rd C u rre n t - I F (A )
10
TJ = 1 50 C TJ = 1 25 C TJ = 25 C
1
0.1 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2
F o rw a rd V o lta g e D ro p - V F M (V )
Fig. 13 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current
6
www.irf.com
IRG4BC20UD-S
100 100
VR = 2 0 0 V T J = 1 2 5 C T J = 2 5 C
80
VR = 2 0 0 V T J = 1 2 5 C T J = 2 5 C
IF = 16 A
t rr - (ns)
60
I F = 8 .0A
I IR R M - (A )
I F = 1 6A
10
40
IF = 8 .0 A I F = 4.0 A
I F = 4 .0 A
20
0 100
d i f /d t - (A / s)
1000
1 100
1000
di f /dt - (A /s)
Fig. 14 - Typical Reverse Recovery vs. dif/dt
500
Fig. 15 - Typical Recovery Current vs. dif/dt
10000
VR = 2 0 0 V T J = 1 2 5 C T J = 2 5 C
400
VR = 2 0 0 V T J = 1 2 5 C T J = 2 5 C
300
di(rec)M/dt - (A / s)
Q R R - (nC )
I F = 16 A
200
I F = 4 .0A
1000
I F = 8.0 A I F = 16 A
I F = 8 .0A
100
IF = 4.0 A
0 100 100 100
di f /dt - (A /s)
1000
1000
di f /dt - (A /s)
Fig. 16 - Typical Stored Charge vs. dif/dt
Fig. 17 - Typical di(rec)M/dt vs. dif/dt
www.irf.com
7
IRG4BC20UD-S
Same ty pe device as D .U.T. 90%
80% of Vce
430F D .U .T.
Vge
VC
10% 90%
td(off)
10% IC 5%
t d(on)
tr
tf t=5s E on E ts = (Eon +Eoff ) E off
Fig. 18a - Test Circuit for Measurement of ILM, Eon, Eoff(diode), trr, Qrr, Irr, td(on), tr, td(off), tf
Fig. 18b - Test Waveforms for Circuit of Fig. 18a, Defining
Eoff, td(off), tf
G A T E V O L T A G E D .U .T . 1 0 % +V g +Vg
trr Ic
Q rr =
trr id d t tx
tx 10% Vcc Vce Vcc 1 0 % Ic 9 0 % Ic D UT VO LTAG E AN D CU RRE NT Ip k Ic
1 0 % Irr V cc
V pk Irr
D IO D E R E C O V E R Y W A V E FO R M S td (o n ) tr 5% Vce t2 E o n = V ce ie d t t1 t2 D IO D E R E V E R S E REC OVERY ENER GY t3 t4
E re c =
t4 V d id d t t3
t1
Fig. 18c - Test Waveforms for Circuit of Fig. 18a,
Defining Eon, td(on), tr
Fig. 18d - Test Waveforms for Circuit of Fig. 18a,
Defining Erec, trr, Qrr, Irr
8
www.irf.com
IRG4BC20UD-S
V g G A T E S IG N A L D E V IC E U N D E R T E S T C U R R E N T D .U .T .
V O L T A G E IN D .U .T .
C U R R E N T IN D 1
t0
t1
t2
Figure 18e. Macro Waveforms for Figure 18a's Test Circuit
L 1000V 50V 6000 F 100 V Vc*
D.U.T.
RL= 0 - 480V
480V 4 X IC @25C
Figure 19. Clamped Inductive Load Test Circuit
Figure 20. Pulsed Collector Current Test Circuit
www.irf.com
9
IRG4BC20UD-S
D2Pak Package Outline
1 0.54 (.4 15) 1 0.29 (.4 05) 1.4 0 (.055 ) M AX. -A2
4.69 (.1 85) 4.20 (.1 65)
-B 1.3 2 (.05 2) 1.2 2 (.04 8)
1 0.16 (.4 00 ) RE F.
6.47 (.2 55 ) 6.18 (.2 43 ) 15 .4 9 (.6 10) 14 .7 3 (.5 80) 5 .28 (.20 8) 4 .78 (.18 8) 2.7 9 (.110 ) 2.2 9 (.090 ) 2.61 (.1 03 ) 2.32 (.0 91 ) 1.3 9 (.0 5 5) 1.1 4 (.0 4 5) 8.8 9 (.3 50 ) R E F.
1.7 8 (.07 0) 1.2 7 (.05 0)
1
3
3X
1.40 (.0 55) 1.14 (.0 45) 5 .08 (.20 0)
0 .93 (.03 7 ) 3X 0 .69 (.02 7 ) 0 .25 (.01 0 ) M BAM
0.5 5 (.022 ) 0.4 6 (.018 )
M IN IM U M R E CO M M E ND E D F O O TP R IN T 1 1.43 (.4 50 )
NO TE S: 1 D IM EN S IO N S A FTER SO L D ER D IP. 2 D IM EN S IO N IN G & TO LE RA N C IN G PE R A N S I Y1 4.5M , 198 2. 3 C O N TRO L LIN G D IM EN SIO N : IN C H . 4 H E ATSINK & L EA D D IM EN S IO N S D O N O T IN C LU D E B UR R S.
LE A D A SS IG N M E N TS 1 - G A TE 2 - D R AIN 3 - S O U RC E
8.89 (.3 50 ) 17 .78 (.70 0)
3 .8 1 (.15 0) 2 .08 (.08 2) 2X 2.5 4 (.100 ) 2X
D2Pak Part Marking Information
IN TE R N A TIO N A L R E C T IF IE R LO G O A S S E M B LY LO T C O D E
PART NUM BER F530S 9 24 6 9B 1M
A
DATE CODE (Y YW W ) YY = Y E A R W W = W EEK
10
www.irf.com
IRG4BC20UD-S
D2Pak Tape & Reel Information
TR R
1 .6 0 (.0 6 3 ) 1 .5 0 (.0 5 9 ) 4 .1 0 (.16 1 ) 3 .9 0 (.15 3 )
1.60 (.06 3) 1.50 (.05 9) 0.3 68 (.01 45 ) 0.3 42 (.01 35 )
F E ED D IR E C TIO N 1 .8 5 ( .0 7 3 )
1 .6 5 ( .0 6 5 )
1 1.60 (.457 ) 1 1.40 (.449 )
1 5.42 (.60 9) 1 5.22 (.60 1)
2 4.30 (.9 57 ) 2 3.90 (.9 41 )
TR L
10.90 (.42 9) 10.70 (.42 1) 1.75 (.0 69 ) 1.25 (.0 49 ) 1 6.10 (.6 3 4) 1 5.90 (.6 2 6) 4.72 (.1 36 ) 4.52 (.1 78 )
F E E D D IR E C T IO N
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941)
4
33 0.00 (14.173) M A X.
60.00 (2.36 2) MIN .
N OT ES : 1. C O MF OR MS TO EIA-418. 2. C O NTR O LLIN G DIM EN SIO N: M ILLIM ET ER. 3. D IM ENSIO N M EAS UR ED @ HU B. 4. IN CLU D ES F LAN G E D ISTO RT IO N @ O UT ER ED GE.
26.40 (1.0 39) 24.40 (.96 1)
30.40 (1.197) M AX. 4
3
Notes:
Repetitive rating: VGE=20V; pulse width limited by maximum junction temperature (Figure 20) VCC=80%(VCES), VGE=20V, L=10H, RG = 50 (Figure 19) Pulse width 80s; duty factor 0.1%. Pulse width 5.0s, single shot. Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.1/01
www.irf.com
11


▲Up To Search▲   

 
Price & Availability of IRG4BC20UDS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X